Part Number Hot Search : 
ADVANCED SYSTEM BL151G ADVANCED AMPHENOL AD1584A Z5SMC130 AOD454
Product Description
Full Text Search
 

To Download SN3010220ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATION FOR APPROVAL
REF : 20091116-C PROD. NAME ABC'S DWG NO. SN3010L- PAGE: 1
SMD POWER INDUCTOR
ABC'S ITEM NO.
CONFIGURATION & DIMENSIONS
A A B C D E F : : : : : : 3.0 0.10 3.0 0.10 1.0 max. 2.7 typ. 0.9 0.20 1.2 0.20 m/m m/m m/m m/m m/m m/m
C
B
1.0 D
1.2
1.0
E
F
E
( PCB Pattern )
SCHEMATIC DIAGRAM
a
d
MATERIALS
aCoreFerrite core bWireEnamelled Copper Wire ( class H ) cTerminalNi/Cu/Ag alloy with Sn dCoatingMagnetic Epoxy resin eRemarkProducts comply with RoHS' requirements
250 Temperature ( ) 200 150 100 50
40~90sec max.
c
Peak Temp255 max. Max time above 217 90sec max.
Temperature Rising Area +3.0 / sec max. Preheat Area 150 ~ 200 / 60 ~ 180sec Reflow Area +1.5 ~ 3.0 Forced Cooling Area 6.0 / sec max.
Peak Temperature: 250 +5/-10 ,5sec max.
2.7
b
217
GENERAL SPECIFICATION
aStorage Temp.-40 ----+85 bOperating Temp.-40----+125 cResistance To Solder Heat260.10 Secs.
0
50
100
150 Time ( seconds )
200
250
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20091116-C PROD. NAME ABC'S DWG NO. SN3010L- PAGE: 2
SMD POWER INDUCTOR
ABC'S ITEM NO.
ELECTRICAL CHARACTERISTICS
Inductance @0.1V/1MHz ( H ) SN30101R0YL- SN30101R5YL- SN30102R2ML- SN30103R3ML- SN30104R7ML- SN30106R8ML- SN3010100ML- SN3010150ML- SN3010220ML- SN3010330ML- SN3010470ML- 1.0 30% 1.5 30% 2.2 20% 3.3 20% 4.7 20% 6.8 20% 10.0 20% 15.0 20% 22.0 20% 33.0 20% 47.0 20% typ. 0.065 0.080 0.095 0.160 0.190 0.300 0.450 0.740 0.980 1.550 2.000 RDC ( ) max. 0.078 0.096 0.114 0.192 0.228 0.360 0.540 0.888 1.176 1.860 2.400 SRF ( MHz ) min. 180 140 100 80 60 50 45 35 25 24 19 Irms (A) typ. 1.700 1.650 1.450 1.300 1.100 0.850 0.720 0.560 0.500 0.415 0.320 Isat (A) typ. 1.950 1.600 1.450 1.050 0.950 0.760 0.610 0.480 0.420 0.340 0.270
DWG No.
1). Packaging information ... ABulk 2). Irms base on Temp. rise 40 typ. 3). Isat base on L/L0A=30% typ.
BTaping Reel
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20091116-C PROD. NAME PAGE: 3
SMD POWER INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
SN3010L-
PACKAGING INFORMATION
( 1 ) Configuration T
Cover tape
2.00.5
A
C
C
N
B
G
D
Embossed carrier
Carrier tape width : D
End
P:4 m/m
4 m/m
Start
Leadr no component 280 m/m min.
Components User direction of feed
Trailer no component 400 m/m min.
( 2 ) Dimensions Style 07 - 08 A 178 B 210.8 C 13 D 8 G +0 10 N -0 50
Unit:m/m T 12.5
( 3 ) Q'TY & G.W. Per package Inner : Reel Series SN3010
Q'TY (pcs) G.W. (gw) Style Q'TY (pcs)
Outer : Carton
G.W. (Kg) Size (cm)
2000
500
07 - 08
80,000
17.5
42 x 41 x 24
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20091116-C PROD. NAME ABC'S DWG NO. SN3010L- PAGE: 4
SMD POWER INDUCTOR
ABC'S ITEM NO.
DWGING NUMBER EXPRESSION
S
N
3
0
1
0 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code
Appendix code 1Product Classification LLead Free Standard products comply with RoHS' requirements 1 ~ 9Lead Free Special products comply with RoHS' requirements
Appendix code 2Package Information Code A B Inner Package T.B.D. T / R ( Reel package ) Inner Package Q'TY T.B.D. 2000 pcs Remark
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20091116-C PROD. NAME ABC'S DWG NO. PAGE: 5 SN3010L-
SMD POWER INDUCTOR
ABC'S ITEM NO.
RELIABILITY TEST
Test item
Specification
Test condition Preheat : 15025 for 60 seconds. Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. : 2355 Flux : Rosin Dip time : 41 seconds
Solderability
More than 90% of the terminal electrode Shall be covered With fresh solder.
Thermal shock test ( Temp. cycle )
Electrical oharacteristics shall not change more than 20%
Room temp. 15 minutes Room temp. 15 minutes Total : 50 cycles
-40 30 minutes +125 30 minutes
Humidity test
Temperature : 402 Humidity : 90~95% Applied current : Per spec. Time : 500 hours
High temp. Resistance test
Temperature : 1252 Applied current : Per spec. Time : 500 hours
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20091116-C PROD. NAME ABC'S DWG NO. PAGE: 6 SN3010L-
SMD POWER INDUCTOR
ABC'S ITEM NO.
UL CARD
OBMW2 Magnet Wire-Comporent
October 06, 2005 E143312
ELEKTRISOLA (MALAYSLA) SDN BHD JALAN DAMAI SATU JANDA BAIK 28750 BENTONG, PAHANG DARUL MAKMUR MALAYSIA
Coating Type Mtl Dsg
Estersol 180 Amldester 200 Polysol-N 155 Polysol 155 Polysol 155g Polysol 155p Polysol 160 Polysol 180 Polysol 170 Polysol-N 180 Polysol P155p
Mark Dsg
E180 A200 PN155 P155, G155 Pg155 Pp155,Gp155 P160 P180,G180 P170 or G170 PN180 P155p
BC
Polyesterimide (solderable) Polyesterimide Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane
OC
____ ____ Nylon ____ ____ ____ ____ ____ ____ Nylon ____
ANSI Typ
MW-77 MW-74 MW-80, MW-28 MW-79, MW-75 MW-75 MW-79 MW-79 MW-82 MW-79 MW-79 MW-83 MW-79
Temp Class
180 200 155, 130 155, 130 130 155 155 180 155 155 180 155
MarkingCompany name, material designation or marked designation and factory identification on package ok reel
See General Information preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
AR-001A


▲Up To Search▲   

 
Price & Availability of SN3010220ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X